PART |
Description |
Maker |
ZHCS350TC ZHCS350 ZHCS350TA |
High Current Schottky Diode From old datasheet system AM29LV081B-120EC 8MBIT FLASH SOD523 40V LOW VF SCHOTTKY BARRIER DIODE 0.51 A, SILICON, SIGNAL DIODE
|
Diodes Incorporated ZETEX[Zetex Semiconductors] Zetex Semiconductor PLC
|
BAT14 BAT14-03W |
Silicon Schottky Diode Schottky Diodes - RF Schottky diode for DBS mixer application to 12GHz
|
Infineon Technologies A... Infineon Technologies AG
|
NSR0530P2T5G |
Schottky Barrier Diode 30V 0.5A low VF SOD-923 Schottky Diode 0.5 A, 30 V, SILICON, SIGNAL DIODE
|
Rectron Semiconductor
|
BAT62-02L BAT62-02W BAT62-08S BAT62-07W BAT62-03W |
Latest Silicon Discretes - Schottky Diode for power leveling Schottky Diodes - Low barrier silicon RF Schottky diode for detectors Schottky Diodes - Low barrier silicon RF Schottky diode array
|
Infineon
|
BAS40DW-04 BAS40DW-05-TP BAS40DW-06-TP BAS40TW BAS |
200mW SCHOTTKY BARRIER Diode DIODE SCHOTTKY 200MW 40V SOT363 0.2 A, 40 V, 4 ELEMENT, SILICON, SIGNAL DIODE DIODE SCHOTTKY ARRAY 40V SOT-363 0.2 A, 40 V, 3 ELEMENT, SILICON, SIGNAL DIODE
|
Micro Commercial Components, Corp.
|
HSCH-3486 HSCH3486 |
ZERO BIAS SCHOTTKY DIODE SILICON, ZERO BARRIER SCHOTTKY, X BAND, MIXER DIODE From old datasheet system
|
Advanced Semiconductor ASI
|
NTLUF4189NZ NTLUF4189NZTAG NTLUF4189NZTBG |
Power MOSFET and Schottky Diode 30 V, N−Channel with 0.5 A Schottky Barrier Diode, 1.6 x 1.6 x 0.55 mm Cool Package
|
ON Semiconductor
|
BAT65 Q62702-A990 |
Silicon Schottky Diode (Low-power Schottky rectifier diode) From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
NTHD4N02F NTHD4N02FT1G NTHD4N02FT1 NTHD4N02 |
Power MOSFET and Schottky Diode 20 V, 2.7A, N-Channel, w/1.0 A Schottky Barrier Diode, ChipFET™
|
ON Semiconductor
|
18TQ045 18TQ045S 18TQ035S 18TQ 18TQ035 18TQ040 18T |
45V 18A Schottky Discrete Diode in a TO-220AC package 45V 18A Schottky Discrete Diode in a D2-Pak package 40V 18A Schottky Discrete Diode in a D2-Pak package 35V 18A Schottky Discrete Diode in a D2-Pak package 35V 18A Schottky Discrete Diode in a TO-220AC package SCHOTTKY RECTIFIER CAT6 SOL PC PVC YEL 2OFT PVC SOLID PATCH CORD CAT6 SOL PC PVC YEL 30FT PVC SOLID PATCH CORD DIODE 18 A, 35 V, SILICON, RECTIFIER DIODE, TO-263AB, PLASTIC, SMD-220, D2PAK-3, Rectifier Diode 40V 18A Schottky Discrete Diode in a TO-220AC package
|
IRF[International Rectifier] Vishay Semiconductors
|